Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1130-BWLT Fiches technique(PDF) 26 Page - ams-OSRAM AG

No de pièce AS1130-BWLT
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BWLT Fiches technique(HTML) 26 Page - ams-OSRAM AG

Back Button AS1130-BWLT Datasheet HTML 22Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 23Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 24Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 25Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 26Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 27Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 28Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 29Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
ams Datasheet
Page 25
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Register Description
12x11 LED Matrix
The AS1130 is configured to control one big LED matrix.
Figure 33:
AS1130 - Dot Matrix Structure
In Figure 34 it is described which databit represents which LED
in the matrix. Per default all databits are ‘0’, meaning no LED is
on. A ‘1’ puts the LED on.
Each Current Segment of the LED Matrix consists of 11 LEDs,
therefore 2 bytes of data are required for one Current Segment.
CS0 is defined by the two bytes with address 0x00 and 0x01 and
also includes the address of the used Blink & PWM dataset for
this frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67