| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1130-BTST Fiches technique(PDF) 49 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1130-BTST Fiches technique(HTML) 49 Page - ams-OSRAM AG |
|
49 / 67 page ![]() Page 48 ams Datasheet Document Feedback [v2-01] 2016-Oct-12 AS1130 − Register Description AS1130 Status Register (0x0F) This is a read only register. From this register the actual status of the AS1130 can be read out. The default setting of this register is 0x00. Figure 52: AS1130 Status Register Format 0x0F AS1130 Status Register Bit Bit Name Default Access Bit Description 7:2 frame_on 000000 R Actual displayed frame 000000: Frame 0 000001: Frame 1 000010: Frame 2 000011: Frame 3 000100: Frame 4 000101: Frame 5 ............... 100000: Frame 32 100001: Frame 33 100010: Frame 34 100011: Frame 35 1 movie_on 0 R 0: No movie 1: Movie playing 0test_on 0 R 0: No test is running 1: Open/short test ongoing |