Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1130-BTST Fiches technique(PDF) 22 Page - ams-OSRAM AG

No de pièce AS1130-BTST
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BTST Fiches technique(HTML) 22 Page - ams-OSRAM AG

Back Button AS1130-BTST Datasheet HTML 18Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 19Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 20Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 21Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 22Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 23Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 24Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 25Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
ams Datasheet
Page 21
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Detailed Description
Figure 30:
Device Address
The pin ADDR is scanned after start up (POR) and defines the
address for the device. The device reacts to this address until a
hardware reset (low on pin RSTN) is performed or the
power-on-reset (POR) triggers again.
Note(s): The internal address decoder needs 5ms to identify the
address and to set up the device for this address.
I2C Address
Bit
Bit Name
Default
Access
Description
3:1
i2c_addr
000
R
Defines the I²C address of one device via an external
resistor on pin ADDR
000: 1M
Ω or floating
001: 470k
Ω
010: 220k
Ω
011: 100k
Ω
100: 47k
Ω
101: 22k
Ω
110: 10k
Ω
111: 4.7k
Ω or GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67