| Moteur de recherche de fiches techniques de composants électroniques |
|
RA4M1 Fiches technique(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M1 Fiches technique(HTML) 49 Page - Renesas Technology Corp |
|
49 / 131 page ![]() R01DS0355EJ0110 Rev.1.10 Page 49 of 131 Sep 29, 2023 RA4M1 Group 2. Electrical Characteristics Figure 2.20 Voltage dependency in low-voltage mode (reference data) 0 1 2 3 4 5 6 1.52.02.53.03.5 4.0 4.55.05.56.0 VCC (V) Ta = 105 C , ICLK = 4 MHz*2 , ICLK = 4 MHz*1 Ta = 25 C , ICLK = 1 MHz*2 Ta = 105 C Ta = 25 C, ICLK = 1 MHz*1 Ta = 25 C , ICLK = 1 MHz *1 Ta = 25 C , ICLK = 4 MHz *1 , ICLK = 4 MHz *2 Ta = 105 C , ICLK = 1 MHz Ta = 105 C *2 Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the actual measurements of the sample cores during product evaluation. Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the actual measurements for the upper limit samples during product evaluation. |