| Moteur de recherche de fiches techniques de composants électroniques |
|
RA4E2 Fiches technique(PDF) 84 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4E2 Fiches technique(HTML) 84 Page - Renesas Technology Corp |
|
84 / 91 page ![]() 6 5 4 3 2 1 A C B E D F 外形図 Outline drawing Renesasコード PLBG0036KA-A ルネサスエレクトロニクス株式会社 Renesas Electronics Corporation RDK-G-001*** 1/1 Reference Symbol Dimension in Millimeters Min. Nom. Max. D - 4.00 - E - 4.00 - D1 - 2.50 - E1 - 2.50 - A - - 1.29 A1 0.11 - - b 0.22 0.27 0.32 e - 0.50 - aaa - - 0.15 ccc - - 0.10 ddd - - 0.08 eee - - 0.15 fff - - 0.05 n - 36 - JEITA Package code RENESAS code MASS(TYP.)[g] P-LFBGA36-4x4-0.50 PLBG0036KA-A 0.04 E aaa C ccc C ddd C E1 φeee C A B φfff C n X φb 4X B C INDEX AREA Figure A2.5 BGA 36-pin RA4E2 Datasheet Appendix 2. Package Dimensions R01DS0413EJ0150 Rev.1.50 May 29, 2026 Page 84 of 91 |