| Moteur de recherche de fiches techniques de composants électroniques |
|
RA4E2 Fiches technique(PDF) 83 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4E2 Fiches technique(HTML) 83 Page - Renesas Technology Corp |
|
83 / 91 page ![]() 7 8 5 6 3 4 2 1 A B C D F E G H 外形図 Outline drawing Renesasコード PLBG0064KB-A ルネサスエレクトロニクス株式会社 Renesas Electronics Corporation RDK-G-001*** 1/1 Reference Symbol Dimension in Millimeters Min. Nom. Max. D - 5.00 - E - 5.00 - D1 - 3.50 - E1 - 3.50 - A - - 1.29 A1 0.11 - - b 0.22 0.27 0.32 e - 0.50 - aaa - - 0.15 ccc - - 0.10 ddd - - 0.08 eee - - 0.15 fff - - 0.05 n - 64 - JEITA Package code RENESAS code MASS(TYP.)[g] P-LFBGA64-5x5-0.50 PLBG0064KB-A 0.06 E aaa C ccc C ddd C E1 φeee C A B φfff C n X φb 4X B C INDEX AREA Figure A2.4 BGA 64-pin RA4E2 Datasheet Appendix 2. Package Dimensions R01DS0413EJ0150 Rev.1.50 May 29, 2026 Page 83 of 91 |