| Moteur de recherche de fiches techniques de composants électroniques |
|
CBS2 Fiches technique(PDF) 8 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CBS2 Fiches technique(HTML) 8 Page - Clarke International |
|
8 / 16 page ![]() 8 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com ADJUSTING THE BELT TRACKING Having changed the belt, it is important to make sure that the belt runs square on the rollers. This is achieved by adjusting the tracking. To adjust the tracking, proceed as follows: 1. Switch on the belt sander. 2. Adjust the tracking screw until the sanding belt is running in line with the flat side of the tool. 3. Turn the screw anti-clockwise to run the belt into the tool. Turn the screw clockwise to run the belt away from the tool. FITTING THE DUST COLLECTION BAG When using the belt sander, certain materials will generate harmful or toxic dusts and grit. For this reason it is important to fit the dust collection bag. Do not allow the dustbag to get too full. Empty the bag before it becomes overloaded. 1. Put the plastic nozzle of the dust collection bag over the dust extraction outlet. 2. Push firmly home. 3. To empty the dust bag, grasp the bag by the plastic nozzle and pull away from the dust extraction outlet. WARNING: ALWAYS WEAR EYE PROTECTION WHEN ADJSUTING OR OPERATING THE SANDER. |