| Moteur de recherche de fiches techniques de composants électroniques |
|
CBS2 Fiches technique(PDF) 5 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CBS2 Fiches technique(HTML) 5 Page - Clarke International |
|
5 / 16 page ![]() 5 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 3. Remove all dust after sanding. 4. Take care when sanding lead based paint or when sanding wood or metal which may produce toxic dust, - DO NOT let children or pregnant women enter the work area. VIBRATION The declared vibration emission values stated in the specifications have been measured in accordance with a standard test method provided by EN 60745 and may be used for comparing one tool with another. The declared vibration emission value may also be used in a preliminary assessment of exposure. WARNING: THE VIBRATION EMISSION VALUE DURING ACTUAL USE OF THE POWER TOOL CAN DIFFER FROM THE DECLARED VALUE DEPENDING ON THE WAYS IN WHICH THE TOOL IS USED. THE VIBRATION LEVEL MAY INCREASE ABOVE THE LEVEL STATED. |