| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7541 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7541 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 76 page ![]() Electrical specifications and characteristics TDA7541 14/76 12.5 (S+N)/N Signal plus noise-to-noise ratio In weatherband mode Δf=1.5KHz, f mod =1KHz, V56 =100dBµ, Deemphasis=75µs, setting see Table 10 40 dB 13. Quality detection Unweighted field strength (FSU) and weighted field strength 13.1 V37 DC output voltage V56 = 20 dBμV, FMON=1, FSWO = OFF 2.5 V 13.2 V37 DC output voltage V56 = 50 dBμV, FMON=1, FSWO = OFF 3V 13.3 V37 DC output voltage V56 = 70 dBμV, FMON=1, FSWO = OFF 3.5 V 13.4 V37 DC output voltage V56 > 120 dBμV, FMON=1, FSWO = OFF 4.6 V 13.5 ΔV37 Slope 25 mV/dB 13.6 ΔV37 DC offset -200 0 mV 13.7 ROUT Output impedance FSWO 17 23.5 30 k Ω 13.8 V27 DC output voltage V56 = 20 dBμV, FMON=1, SL=”101” 0.1 0.4 V 13.9 V27 DC output voltage V56 = 50 dBμV, FMON=1, SL=”101” 1V 13.10 V27 DC output voltage V56 = 70 dBμV, FMON=1, SL=”101” 2V 13.11 V27 DC output voltage V56 > 120 dBμV, FMON=1, SL=”101” 4V 13.12 ΔV 27 Slope 50 mV/dB 13.13 ROUT Output impedance FSU 320 400 480 Ω 13.14 Rload Load resistor FSU 20 k Ω 13.15 V27 DC output voltage AM V47 = 20 dBμV, FMON = 0, SL= ”010” 0.1 0.3 V 13.16 V27 DC output voltage AM V47 = 40 dBμV, FMON = 0, SL= ”010” 1.25 V 13.17 V27 DC output voltage AM V47 = 60 dBμV, FMON = 0, SL= ”010” 3.0 V 13.18 V27 DC output voltage AM V47 > 100 dBμV, FMON = 0, SL= ”010” 4.5 V 13.19 ΔV 27 Slope AM FMON=0 90 mV/dB Table 6. FM section (continued) (Tamb = 25°C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5V, fXtal = 10.25 MHz, fRF = 98MHz, dev = 40 kHz, fMod = 1 kHz, in application circuit, unless otherwise specified) Item Symbol Parameter Test conditions Min. Typ. Max. Unit |