Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7541 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce TDA7541
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button TDA7541 Datasheet HTML 5Page - STMicroelectronics TDA7541 Datasheet HTML 6Page - STMicroelectronics TDA7541 Datasheet HTML 7Page - STMicroelectronics TDA7541 Datasheet HTML 8Page - STMicroelectronics TDA7541 Datasheet HTML 9Page - STMicroelectronics TDA7541 Datasheet HTML 10Page - STMicroelectronics TDA7541 Datasheet HTML 11Page - STMicroelectronics TDA7541 Datasheet HTML 12Page - STMicroelectronics TDA7541 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
TDA7541
Pin connection and pin description
9/76
40
AMREFDEMC
AM Demodulator Reference
41
MPXIN
Stereo Decoder Input
42
MUTETC
Weak Signal Mute Time Constant
43
MPXOUT
AM Audio / MPX Output
44
AMIF2REF
AM IF2 Amplifier Reference Voltage
45
FMREFDEMC
FM Demodulator Reference
46
GNDDEM
FM Demodulator Ground
47
AMIF2IN
AM IF2 Amplifier Input
48
VREF1
5V Reference
49
GNDVCC2
Analog Ground
50
MIX2AMPOUT
MIXER2 Amplifier Output
51
VCC2
Analog Supply
52
MIX2REF
Mixer2 Reference
53
MIX2OUT
Mixer2 Output
54
AMRFAGCTC
AM RF AGC Time Constant
55
MIX2INREF
Mixer2 Input Reference
56
MIX2IN
Mixer2 Input
57
AMAGC2TC
AM AGC2 Time Constant
58
IF1REF
IF1 Amplifier Reference
59
IF1AMPOUT
IF1 Amplifier Output
60
VCCIF1
IF1 Supply
61
IF1AMPIN
IF1 Amplifier Input
62
GNDIF1
IF1 Ground
63
MIX1REF
Mixer1 Reference
64
MIX1OUT
Mixer1 Output
Table 2.
Pin description (continued)
Pin No.
Pin name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76