| Moteur de recherche de fiches techniques de composants électroniques |
|
EM78F651NAPS/NAPJ Fiches technique(PDF) 11 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78F651NAPS/NAPJ Fiches technique(HTML) 11 Page - ELAN Microelectronics Corp |
|
11 / 58 page ![]() EM78F651N 8-Bit Microcontroller Product Specification (V1.1) 10.20.2006 • 7 (This specification is subject to change without further notice) All instructions are single instruction cycle (fclk/2 or fclk/4) except for the instruction that would change the contents of R2. Such instruction will need one more instruction cycle. PC (A9 ~ A0) Stack Level 1 Stack Level 3 Stack Level 2 Stack Level 5 On-chip Program Memory Reset Vector External INT pin interrupt vector Port 6 pin status change interrupt vector TCC overflow LVD interrupt vector 000H 3FFH 008H Fig. 6-1 Program Counter Organization |