| Moteur de recherche de fiches techniques de composants électroniques |
|
EM78F651NAPS/NAPJ Fiches technique(PDF) 24 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78F651NAPS/NAPJ Fiches technique(HTML) 24 Page - ELAN Microelectronics Corp |
|
24 / 58 page ![]() EM78F651N 8-Bit Microcontroller 20 • Product Specification (V1.1) 10.20.2006 (This specification is subject to change without further notice) PCRD PCWR PDWR PDRD TIN IOD P61~P67 PORT 0 1 M U X CLK CLK CLK P P P L L L R R R C C C D D D Q Q Q Q Q Q _ _ _ Note: Pull-high (down) and Open-drain are not shown in the figure. Fig. 6-5 (b) P61~P67 I/O Port and I/O Control Register Circuit /SLEP T17 T10 T11 IOCE.1 Interrupt ENI Instruction DISI Instruction Interrupt (Wake-up from SLEEP) Next Instruction (Wake-up from SLEEP) CLK CLK CLK Q Q Q Q Q Q _ _ _ D D D P P P L L L R R R C C C RE.1 Fig. 6-5 (c) Block Diagram of I/O Port 6 with Input Change Interrupt/Wake-up |