| Moteur de recherche de fiches techniques de composants électroniques |
|
M41T93 Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T93 Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 51 page ![]() Package mechanical information M41T93 46/51 Figure 22. QFN16 – 16-lead, quad, flat, no lead, 4x4mm, recommended footprint 1. Dimensions shown are in millimeters (mm). 2. Substrate pad should be tied to VSS. Figure 23. 32kHz crystal + QFN16 vs. VSOJ20 mechanical data Note: Dimensions shown are in millimeters (mm). 0.35 2.70 4.50 2.70 AI11815 0.65 0.70 0.325 0.20 (2) 1 2 3 4 AI11816 ST QFN16 SMT CRYSTAL VSOJ20 3.9 3.9 1.5 3.2 6.0 ± 0.2 7.0 ± 0.3 |