Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58BW016DB Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 37Page - STMicroelectronics M58BW016DB Datasheet HTML 38Page - STMicroelectronics M58BW016DB Datasheet HTML 39Page - STMicroelectronics M58BW016DB Datasheet HTML 40Page - STMicroelectronics M58BW016DB Datasheet HTML 41Page - STMicroelectronics M58BW016DB Datasheet HTML 42Page - STMicroelectronics M58BW016DB Datasheet HTML 43Page - STMicroelectronics M58BW016DB Datasheet HTML 44Page - STMicroelectronics M58BW016DB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
41/63
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
Figure 16. Synchronous Burst Read - Continuous - Valid Data Ready Output
Note: Valid Data Ready = Valid Low during valid clock edge
1. V= Valid output.
2. R is an open drain output with an internal pull up resistor of 1M
Ω. The internal timing of R follows DQ. An external resistor, typically
300k
Ω. for a single memory on the R bus, should be used to give the data valid set up time required to recognize that valid data is
available on the next valid clock edge.
Figure 17. Synchronous Burst Read - Burst Address Advance
AI03649
K
Output (1)
VV
V
V
tRLKH
R
V
(2)
AI03650
K
ADD
Q0
Q1
L
Q2
ADD
VALID
G
tGLQV
tBLKH
tBHKH
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63