Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58BW016DB Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 55Page - STMicroelectronics M58BW016DB Datasheet HTML 56Page - STMicroelectronics M58BW016DB Datasheet HTML 57Page - STMicroelectronics M58BW016DB Datasheet HTML 58Page - STMicroelectronics M58BW016DB Datasheet HTML 59Page - STMicroelectronics M58BW016DB Datasheet HTML 60Page - STMicroelectronics M58BW016DB Datasheet HTML 61Page - STMicroelectronics M58BW016DB Datasheet HTML 62Page - STMicroelectronics M58BW016DB Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 63 page
background image
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
62/63
REVISION HISTORY
Table 30. Document Revision History
Date
Version
Revision Details
January-2001
-01
First Issue.
05-Jun-2001
-02
Major rewrite and restructure.
15-Jun-2001
-03
Nd and Ne values changed in PQFP80 Package Mechanical Table
17-Jul-2001
-04
PQFP80 Package Outline Drawing and Mechanical Data Table updated
17-Dec-2001
-05
tLEAD removed from Absolute Maximum Ratings (Table 12)
80, 90 and 100ns Speed classes defined (Tables 16, 17, 18, 19 and 20 clarified
accordingly)
Figures 14, 15, 16 and 17 clarified
Temperature range 3 and 6 added
Tables 13, 14, 15, 21 and CFI Tables 26, 27, 28, 29 clarified
Document status changed from Product Preview to Preliminary Data
17-Jan-2002
-06
DC Characteristics IPP, IPP1 and IDD1 clarified
AC Bus Read Characteristics timing tGHQZ clarified
30-Aug-2002
6.1
Revision numbering modified: a minor revision will be indicated by incrementing the
tenths digit, and a major revision, by incrementing the units digit of the previous
version (e.g. revision version 06 becomes 6.0).
References of VPP pin used for block protection purposes removed. Figure 9
modified.
4-Sep-2002
7.0
Datasheet status changed from Preliminary Data to full Datasheet.
tWLWH parameter modified in Table 19, Asynchronous Write and Latch Controlled
Write AC Characteristics.
13-May-2003
7.1
Revision History moved to end of document. VPP clarified in Program and Block
Erase commands and Status Register, VPP Status bit. VPPLK added to DC
Characteristics Table. Timing TKHQV modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63