| Moteur de recherche de fiches techniques de composants électroniques |
|
CSB10 Fiches technique(PDF) 3 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CSB10 Fiches technique(HTML) 3 Page - Clarke International |
|
3 / 12 page ![]() 3 GENERAL SAFETY RULES 1. Read this instruction manual before connecting this device to the compressor. 2. Do not use any silica based abrasives with this sandblaster. Silica based abrasives have been linked to severe respiratory disease. Always use recommended abrasives. Abrasives used in this sandblaster may be covered by COSHH Regulations. 3. Safety glasses, hood, long-sleeve shirt, gloves and a NIOSH/MSHA approved respirator must be worn during operation and clean up. 4. During operation, do not expose the hands or skin directly in the line of the Sandblasting Gun nozzle. 5. After assembly, inspect to make sure all components seal properly. 6. Everyone in the blasting area must also wear protective gear. 7. Check hoses and air lines for weak or worn condition before each use.Make sure all connections are secure before use. 8. Products used in this unit may be covered by COSHH Regulations. 9. ALWAYS make sure there is adequate ventilation. Do not spray in confined or enclosed areas. 10. ALWAYS disconnect the gun from the air supply when it is not in use, and before any disassembly. 11. ALWAYS thoroughly clean the gun after use. See ‘Maintenance’ 12. ALWAYS turn OFF the air supply at the compressor outlet, and expel all air from the air hose and gun, BEFORE disconnecting the Sandblasting Gun from the air hose. Warning: Compressed air can be dangerous. Ensure that you are thoroughly familiar with all precautions relating to the use of compressors and compressed air supply. Warning: Disconnect the abrasive blaster from the air supply before changing accessories or attempting to install, service, relocate or perform any maintenance. Warning: Do not point the abrasive blaster gun at anyone or objects other than the intended work object. |