| Moteur de recherche de fiches techniques de composants électroniques |
|
CSB10 Fiches technique(PDF) 7 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CSB10 Fiches technique(HTML) 7 Page - Clarke International |
|
7 / 12 page ![]() 7 6. Place the upper handle onto the top of the lower handle/axle assembly as shown and use 1 long bolt, 1 washer and 1 nut to lock it into place. 7. Place a jubilee clip onto each end of the hose. 8. Firmly push the end of the hose onto the abrasive inlet on the sandblasting gun. 9. Slide one of the jubilee clips so that it is overlapping both the hose and the abrasive inlet of the sandblasting gun. 10. Tighten the jubilee clip with a screwdriver. 11. Firmly push the opposite end of the hose onto the abrasive outlet, located at the base of the drum. NOTE: there is an air hole in the abrasive outlet - do not cover this air hole with abrasive hose. 12. Position the remaining jubilie clip so that it is overlapping both the hose and the abrasive outlet of the drum. 13. Tighten the jubilee clip with a screwdriver. |