Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM261...ZCZ Fiches technique(PDF) 46 Page - Texas Instruments

No de pièce AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Fiches technique(HTML) 46 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 42Page - Texas Instruments AM261...ZCZ Datasheet HTML 43Page - Texas Instruments AM261...ZCZ Datasheet HTML 44Page - Texas Instruments AM261...ZCZ Datasheet HTML 45Page - Texas Instruments AM261...ZCZ Datasheet HTML 46Page - Texas Instruments AM261...ZCZ Datasheet HTML 47Page - Texas Instruments AM261...ZCZ Datasheet HTML 48Page - Texas Instruments AM261...ZCZ Datasheet HTML 49Page - Texas Instruments AM261...ZCZ Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
G15
J18
E14
G19
GPIO90
GPIO90_CFG_REG
0x5310 0168
0x0000 05F7
PR0_PRU0_GPIO8
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
I2C0_SDA
1
IO
GPIO90
7
IO
K15
N20
H15
L18
GPIO91
GPIO91_CFG_REG
0x5310 016C
0x0000 05F7
PR0_PRU0_GPIO6
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
I2C0_SCL
1
IO
RMII2_REF_CLK
2
IO
RGMII2_RXC
3
I
MII2_RXCLK
4
I
GPIO91
7
IO
K16
L20
G15
J19
GPIO92
GPIO92_CFG_REG
0x5310 0170
0x0000 05F7
PR0_PRU0_GPIO4
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART3_RXD
1
I
RGMII2_RX_CTL
3
I
MII2_RXDV
4
I
GPIO92
7
IO
TRC_CLK
8
O
ADC_EXTCH_XBAROUT5
9
O
XBAROUT7
10
O
K17
N17
K14
M18
GPIO93
GPIO93_CFG_REG
0x5310 0174
0x0000 05F7
PR0_PRU0_GPIO0
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU0_GPIO0
1
IO
RMII2_RXD0
2
I
RGMII2_RD0
3
I
MII2_RXD0
4
I
GPIO93
7
IO
TRC_DATA0
8
O
ADC_EXTCH_XBAROUT6
9
O
XBAROUT8
10
O
K18
N19
H14
L19
GPIO94
GPIO94_CFG_REG
0x5310 0178
0x0000 05F7
PR0_PRU0_GPIO1
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU0_GPIO1
1
IO
RMII2_RXD1
2
I
RGMII2_RD1
3
I
MII2_RXD1
4
I
GPIO94
7
IO
TRC_DATA1
8
O
ADC_EXTCH_XBAROUT7
9
O
XBAROUT11
10
O
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More