Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM261...ZCZ Fiches technique(PDF) 27 Page - Texas Instruments

No de pièce AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Fiches technique(HTML) 27 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 23Page - Texas Instruments AM261...ZCZ Datasheet HTML 24Page - Texas Instruments AM261...ZCZ Datasheet HTML 25Page - Texas Instruments AM261...ZCZ Datasheet HTML 26Page - Texas Instruments AM261...ZCZ Datasheet HTML 27Page - Texas Instruments AM261...ZCZ Datasheet HTML 28Page - Texas Instruments AM261...ZCZ Datasheet HTML 29Page - Texas Instruments AM261...ZCZ Datasheet HTML 30Page - Texas Instruments AM261...ZCZ Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
F16
G19
D15
E19
GPIO108
GPIO108_CFG_REG
0x5310 01B0
0x0000 05F7
PR0_PRU1_GPIO4
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
MCAN0_TX
1
O
RGMII1_RX_CTL
3
I
MII1_RXDV
4
I
GPIO108
7
IO
TRC_DATA5
8
O
F18
H20
D14
G18
GPIO109
GPIO109_CFG_REG
0x5310 01B4
0x0000 05F7
PR0_PRU1_GPIO0
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
MCAN1_RX
1
I
RMII1_RXD0
2
I
RGMII1_RD0
3
I
MII1_RXD0
4
I
GPIO109
7
IO
TRC_DATA6
8
O
G16
H19
D16
F18
GPIO110
GPIO110_CFG_REG
0x5310 01B8
0x0000 05F7
PR0_PRU1_GPIO1
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
MCAN1_TX
1
O
RMII1_RXD1
2
I
RGMII1_RD1
3
I
MII1_RXD1
4
I
GPIO110
7
IO
TRC_DATA7
8
O
E17
H17
E17
GPIO111
GPIO111_CFG_REG
0x5310 01BC
0x0000 05F7
PR0_PRU1_GPIO2
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RGMII1_RD2
3
I
MII1_RXD2
4
I
GPIO111
7
IO
TRC_DATA8
8
O
E18
G20
F19
GPIO112
GPIO112_CFG_REG
0x5310 01C0
0x0000 05F7
PR0_PRU1_GPIO3
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RGMII1_RD3
3
I
MII1_RXD3
4
I
GPIO112
7
IO
TRC_DATA9
8
O
C16
B20
B18
GPIO113
GPIO113_CFG_REG
0x5310 01C4
0x0000 05F7
PR0_PRU1_GPIO16
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RGMII1_TXC
3
O
MII1_TXCLK
4
I
GPIO113
7
IO
TRC_DATA10
8
O
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More