| Moteur de recherche de fiches techniques de composants électroniques |
|
CPR2 Fiches technique(PDF) 8 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CPR2 Fiches technique(HTML) 8 Page - Clarke International |
|
8 / 12 page ![]() 8 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com Additionally, following prolonged use, the jaws may fail to grip the mandril effectively, and will therefore need replacing. Dis-assemble the jaw housing assembly, and re-assemble using genuine parts supplied from your nearest CLARKE dealer, ensure you carry out the adjustment above. TROUBLESHOOTING PERFORMANCE Please note that factors other than the tool may effect its operation and efficiency such as reduced compressor output, excessive drain on the airline moisture or restrictions in the air-line, or the use of connectors of improper size or poor condition which will reduce air supply. Grit or gum deposits inside the tool may also reduce its efficiency. This condition can be corrected by cleaning out the air strainer and flushing out the tool with gum solvent or oil, or failing this, the motor may require dismantling. SYMPTOM PROBLEM SOLUTION Tool runs at normal speed but slows down under any load. 1. Excessive pressure on tip. 2. Motor parts worn. 3. Worn or sticking mechanism due to lack of lubricant. 1. Reduce the force applied 2. Return to Clarke dealer for repair. 3. Drip air tool lubricating oil into air inlet. Allow oil to soak moving parts before using. Tool runs slowly. Air flows weakly from exhaust. 1. Motor parts jammed with gum/dirt. 2. Regulator in closed position. 3. General airflow blocked by dirt. 1. Examine inlet air filter for cleanliness. 2. Adjust regulator to open position. 3. Operate tool in short bursts. Tool will not run. Air flows freely from exhaust. 1. Motor vanes stuck due to buildup of foreign material. 1. Disconnect air supply and rotate tool assembly manually. 2. Try operating tool in short bursts. 3. Tap motor housing gently with a rubber mallet. 4. Drip a few drops of air tool lubricating oil into air inlet to soak moving parts. |