| Moteur de recherche de fiches techniques de composants électroniques |
|
CPR2 Fiches technique(PDF) 4 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CPR2 Fiches technique(HTML) 4 Page - Clarke International |
|
4 / 12 page ![]() 4 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com • Moving to another work area. • Passing the tool to another person. 14. Never use the tool if it is defective or operating abnormally. 15. The tool should be serviced at regular intervals by qualified service personnel. 16. Avoid damaging the tool, for example by applying excessive force of any kind. 17. Always maintain the tool with care. Keep it clean for the best and safest performance. 18. Quick change couplings should not be located at the tool. They add weight and could fail due to vibration. 19. Do not force or misuse the tool. It will do a better and safer job at the rate for which it was designed. 20. Do not remove any labels. Damaged labels should be replaced. 21. This tool may vibrate with use. Vibration may be harmful to your hands or arms. Stop using the tool if discomfort, a tingling feeling or pain occurs. Seek medical advice before resuming use. TRANSPORTATION 1. Never carry the tool by the air supply hose. 2. Never carry the tool with your finger on the trigger. STORAGE 1. When not in use the tool must be disconnected from the air supply and stored in a dry place out of the reach of children. 2. Avoid storing the tool in environments where the temperature is below 0oC. THE COMPRESSED AIR SUPPLY AIR SUPPLY REQUIREMENTS • Use only clean, dry, regulated compressed air as a power source. WARNING: COMPRESSED AIR CAN BE DANGEROUS. ENSURE THAT YOU ARE FAMILIAR WITH ALL PRECAUTIONS RELATING TO THE USE OF COMPRESSORS AND COMPRESSED AIR SUPPLY. |