| Moteur de recherche de fiches techniques de composants électroniques |
|
APM32F003F6P6-R Fiches technique(PDF) 52 Page - Geehy Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
APM32F003F6P6-R Fiches technique(HTML) 52 Page - Geehy Semiconductor Co., Ltd. |
|
52 / 56 page ![]() www.geehy.com Page 51 10. Version History Table 54 Document Version History Date Version Change History 2019.12.27 V1.0.0 New 2020.6.19 V1.0.1 Delete P1 information of table 49 2020.7.6 V1.0.2 Modify the cover page and directory format 2020.9.4 V1.1 (1) Modify the error in Table 14 (Pin definition of APM32F003x4x6(20PIN)); (2) Adjust the document font; (3) Modify the naming rules in the Ordering Information(Chapter 10); (4) Modify the order code in Table 48 (Ordering information list) and add a column of minimum number of packages(SPQ) 2021.6.22 V1.2 Modify the page header, cover, and logo 2021.7.20 V1.3 Modify the pin definition of PC4 in Table 14 APM32F003x4x6 (20PIN) Pin Definition 2021.11.9 V1.4 Added PA1 pin function description 2021.12.1 V1.5 Added TSSOP20 braided packing 2022.3.9 V1.6 (1) Adjust the overall structure of the document (2) Added PA1 pin function description 2022.6.22 V1.7 (1) Modify Arm trademark (2) Add the statement (3) Modify product naming rules figure 2023.2.16 V1.8 (1) Add the package size description (2) Modify the clock source description of SysTick (3) Modify system block diagram (4) Modify QFN20 Package Information and add BSC comment 2023.6.21 V1.9 (1) Added typical applications of ADC, calculation formula for maximum external input impedance, and explanation of ADC accuracy characteristics (2) Modify table and image formats 2023.11.27 V2.0 (1) Supplementary I2C interface characteristic information explanation (2) Modify the power supply voltage and power on reset threshold 2024.2.5 V2.1 (1) Modify TSSOP20 braided packaging and ordering information 2024.10 V2.2 (1) Added TSSOP20 Recommended Welding Layout (2) Modify Table22 (HXT frequency) (3) Add flash storage time and erase cycle |