| Moteur de recherche de fiches techniques de composants électroniques |
|
APM32F003F6P6-R Fiches technique(PDF) 44 Page - Geehy Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
APM32F003F6P6-R Fiches technique(HTML) 44 Page - Geehy Semiconductor Co., Ltd. |
|
44 / 56 page ![]() www.geehy.com Page 43 Figure 17 Package diagram of QFN20 Table 48 Package dimensions of QFN20 - SYMBOL MIN NOM MAX TOTAL THICKNESS A 0.50 0.55 0.60 STAND OFF A1 0 0.02 0.05 LEAD WIDTH b 0.20 0.25 0.30 BODY SIZE X D 2.90 3.00 3.10 Y E 2.90 3.00 3.10 LEAD PITCH e 0.50BSC LEAD LENGTH L 0.30 0.35 0.40 L1 0.50 0.55 0.60 (1) Dimensions are displayed in mm (2) BSC is a unit without error, in this case mm |