| Moteur de recherche de fiches techniques de composants électroniques |
|
M54HC294C1R Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC294C1R Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 14 page ![]() FUNCTION TABLE (HC294/7294) PROGRAMMING INPUTS FREQUENCY DIVISION QTP D C B A BINARY DECIMAL BINARY DECIMAL L L L L Inhibit Inhibit Inhibit Inhibit L L L H Inhibit Inhibit Inhibit Inhibit L LHL 2 2 42 9 512 LL H H 2 3 82 9 512 LH L L 2 4 16 2 9 512 LH LH 2 5 32 2 9 512 LH H L 2 6 64 2 9 512 LH H H 2 7 128 Disabled Low H LLL 2 8 256 2 2 4 HL L H 2 9 512 2 3 8 HLHL 2 10 1,024 2 4 16 HLH H 2 11 2,048 2 5 32 HH L L 2 12 4,096 2 6 64 HH L H 2 13 8,192 2 7 128 HHH L 2 14 16,384 2 8 256 HHH H 2 15 32,768 2 9 512 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Source Sink Current Per Output Pin ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 500 (*) mW Tstg Storage Temperature -65 to +150 oC TL Lead Temperature (10 sec) 300 oC Absolute Maximum Ratings are those values beyond which damage tothe device may occur. Functional operation under these conditions is not implied. (*) 500 mW: ≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Unit VCC Supply Voltage 2 to 6 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature: M54HC Series M74HC Series -55 to +125 -40 to +85 oC oC tr,tf Input Rise and Fall Time VCC = 2 V 0 to 1000 ns VCC = 4.5 V 0 to 500 VCC = 6 V 0 to 400 M54/M74HC292/7292/294/7294 6/14 |