Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HC294C1R Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M54HC294C1R
Description  PROGRAMMABLE DIVIDER/TIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC294C1R Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M54HC294C1R Datasheet HTML 3Page - STMicroelectronics M54HC294C1R Datasheet HTML 4Page - STMicroelectronics M54HC294C1R Datasheet HTML 5Page - STMicroelectronics M54HC294C1R Datasheet HTML 6Page - STMicroelectronics M54HC294C1R Datasheet HTML 7Page - STMicroelectronics M54HC294C1R Datasheet HTML 8Page - STMicroelectronics M54HC294C1R Datasheet HTML 9Page - STMicroelectronics M54HC294C1R Datasheet HTML 10Page - STMicroelectronics M54HC294C1R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DC SPECIFICATIONS
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VIL
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
VOH
High Level
Output Voltage
(Q)
2.0
VI =
VIH
or
VIL
IO=-20
µA
1.9
2.0
1.9
1.9
V
4.5
4.4
4.5
4.4
4.4
6.0
5.9
6.0
5.9
5.9
4.5
IO=-4.0 mA
4.18
4.31
4.13
4.10
6.0
IO=-5.2 mA
5.68
5.8
5.63
5.60
VOH
High Level
Output Voltage
(TP) (for HC7292
HC7294 only)
2.0
VI =
VIH
or
VIL
IO=-20
µA
1.9
2.0
1.9
1.9
V
4.5
4.4
4.5
4.4
4.4
6.0
5.9
6.0
5.9
5.9
4.5
IO=-1.0 mA
4.18
4.31
4.13
4.10
6.0
IO=-1.3 mA
5.68
5.8
5.63
5.60
VOL
Low Level Output
Voltage
(Q)
2.0
VI =
VIH
or
VIL
IO=20
µA
0.0
0.1
0.1
0.1
V
4.5
0.0
0.1
0.1
0.1
6.0
0.0
0.1
0.1
0.1
4.5
IO= 4.0 mA
0.17
0.26
0.33
0.40
6.0
IO= 5.2 mA
0.18
0.26
0.33
0.40
VOL
Low Level Output
Voltage
(TP)
2.0
VI =
VIH
or
VIL
IO=20
µA
0.0
0.1
0.1
0.1
V
4.5
0.0
0.1
0.1
0.1
6.0
0.0
0.1
0.1
0.1
4.5
IO= 1.0 mA
0.17
0.26
0.33
0.40
6.0
IO= 1.3 mA
0.18
0.26
0.33
0.40
II
Input Leakage
Current
6.0
VI =VCC or GND
±0.1
±1
±1
µA
ICC
Quiescent Supply
Current
6.0
VI =VCC or GND
4
40
80
µA
M54/M74HC292/7292/294/7294
7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14