| Moteur de recherche de fiches techniques de composants électroniques |
|
OPGS1 Fiches technique(PDF) 77 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPGS1 Fiches technique(HTML) 77 Page - ABB |
|
77 / 192 page ![]() — Manual switch-disconnectors OT160...4000, IEC Ordering information — Front operated switch-disconnectors OT160...800, base mounting, IEC Including a black Test-OFF-ON plastic direct mount handle and shaft as standard. The handle is padlockable in the OFF-position. Number of poles Open air thermal current Ith Rated operat. currents AC22A/AC23A 400...415 V Type Order code Weight/ unit A A/A kg 3 200 200/160 OT160EV03K 1SCA120513R1001 1.5 4 200 200/160 OT160EV04K 1SCA120520R1001 1.9 3 200 200/200 OT200E03K 1SCA022763R4820 1.5 4 200 200/200 OT200E04K 1SCA022763R4910 1.9 3 250 250/250 OT250E03K 1SCA022763R5040 1.5 4 250 250/250 OT250E04K 1SCA022763R5210 1.9 3 315 315/315 OT315E03K 1SCA022763R5630 2.9 4 315 315/315 OT315E04K 1SCA022763R5710 3.5 3 400 400/400 OT400E03K 1SCA022763R5390 2.9 4 400 400/400 OT400E04K 1SCA022763R5550 3.5 3 630 630/630 OT630E03K 1SCA022779R4940 6.3 4 630 630/630 OT630E04K 1SCA022779R5080 7.5 3 800 800/800 OT800E03K 1SCA022779R5160 6.3 4 800 800/800 OT800E04K 1SCA022779R5240 7.5 — Direct mount handles and terminal bolt kits included as standard Suitable for switches Handle Terminal bolt kit OT160EV…250_K OTV250EK M8x25 OT315…400_K OTV400EK M10x30 OT630…800_K OTV800EK M12x40 OT160EV03K OT200...250E03K OT315...400E03K OT630...800E03K OT630...800E04K ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 77 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 77 |