Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPGS1 Fiches technique(PDF) 60 Page - ABB

No de pièce OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPGS1 Fiches technique(HTML) 60 Page - ABB

Back Button OPGS1 Datasheet HTML 56Page - ABB OPGS1 Datasheet HTML 57Page - ABB OPGS1 Datasheet HTML 58Page - ABB OPGS1 Datasheet HTML 59Page - ABB OPGS1 Datasheet HTML 60Page - ABB OPGS1 Datasheet HTML 61Page - ABB OPGS1 Datasheet HTML 62Page - ABB OPGS1 Datasheet HTML 63Page - ABB OPGS1 Datasheet HTML 64Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 192 page
background image
Locking accessories
—
Padlocking adapter
For a padlock with max. 3.5 mm bail.
Suitable for switches
Type
Order code
Weight/
unit
kg
OT63...125
SA1
GJF1 101 903 R000
0.01
—
Door interlock bracket for pistol handles
Prevents defeating the door interlock.
Suitable for switches
Type
Order code
Weight/
unit
kg
For pistol handles OH_45...275
OHZX4
1SCA022467R2470
0.03
—
Cam attachment
Cam attachment for Castell, Lowe & Fletcher and Ronis interlock. Lock, handle or shaft
are not included. Mounting on OXP shaft working together with external OH door handle.
Suitable for switches
Type
Order code
Weight/
unit
kg
OT16…160
OETLZW16
1SCA022093R2070
0.17
—
Accessories for manual switch-disconnectors OT16...160
Ordering information for locking accessories
OETLZW16
OHZX4
SA1
60
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
60
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More