Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN5VD09A/C Fiches technique(PDF) 25 Page - Nisshinbo Micro Devices Inc.

No de pièce RN5VD09A/C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NISSHINBO [Nisshinbo Micro Devices Inc.]
Site Internet  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RN5VD09A/C Fiches technique(HTML) 25 Page - Nisshinbo Micro Devices Inc.

Back Button RN5VD09A/C Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. RN5VD09A/C Datasheet HTML 26Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
RN5VD
25
• Manual Reset Circuit
VDD
R
VDD
VDD
CD
GND
OUT
CD
VDD
RN5VDxxC
SERIES
VDD
CD
GND
OUT
CD
RN5VDxxA
SERIES
TECHNICAL NOTES
When connecting resistors to the device’s input pin
When connecting a resistor (R1) to an input of this device, the input voltage decreases by [Device’s
Consumption Current] x [Resistance Value] only. And, the cross conduction current*1, which occurs when
changing from the detecting state to the release state, is decreased the input voltage by [Cross Conduction
Current] x [Resistance Value] only. And then, this device will enter the re-detecting state if the input voltage
reduction is larger than the difference between the detector voltage and the released voltage.
When the input resistance value is large and the VDD is gone up at mildly in the vicinity of the released voltage,
repeating the above operation may result in the occurrence of output.
As shown in Figure A/B, set R1 to become 100 kΩ or less as a guide, and connect CIN of 0.1 μF and more to
between the input pin and GND. Besides, make evaluations including temperature properties under the actual
usage condition, with using the evaluation board like this way. As a result, make sure that the cross conduction
current has no problem.
VDD
R1
GND
OUT pin
CIN*2
Figure A
Voltage
Detector
VDD
R1
GND
OUT pin
CIN*2
Figure B
Voltage
Detector
R2
*1 In the CMOS output type, a charging current for OUT pin is included.
*2 Note the bias dependence of capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com