| Moteur de recherche de fiches techniques de composants électroniques |
|
FIPY Fiches technique(PDF) 28 Page - Pycom |
|
|
|||||||||||||||||||||||||||||
FIPY Fiches technique(HTML) 28 Page - Pycom |
|
28 / 28 page ![]() 28 IMPORTANT NOTE: In the event that these conditions cannot be met (for example certain laptop configurations or co–location with another transmitter), then the FCC authorization is no longer considered valid and the FCC ID cannot be used on the final product. In these circumstances, the OEM integrator will be responsible for re– evaluating the end product (including the transmitter) and obtaining a separate FCC authorization. 24.2.3 End Product Labelling This transmitter module is authorized only for use in device where the antenna may be installed such that 20 cm may be maintained between the antenna and users. The final end product must be labelled in a visible area with the following: “Contains FCC ID: 2AJMTFIPY01R”. The grantee’s FCC ID can be used only when all FCC compliance requirements are met. The following FCC part 15.19 statement has to also be available on the label: This device complies with Part 15 of FCC rules. Operation is subject to the following two conditions: 1. this device may not cause harmful interference and 2. this device must accept any interference received, including interference that may cause undesired operation. 24.2.4 Manual Information to the End User The OEM integrator has to be aware not to provide information to the end user regarding how to install or remove this RF module in the user’s manual of the end product which integrates this module. In the user manual of the end product, the end user has to be informed that the equipment complies with FCC radio–frequency exposure guidelines set forth for an uncontrolled environment. The end user has to also be informed that any changes or modifications not expressly approved by the manufacturer could void the user’s authority to operate this equipment. The end user manual shall include all required regulatory information/warning as show in this manual. The maximum operating ambient temperature of the equipment declared by the manufacturer is –40~+85C Receiver category 3 25.0 Revision History Table 28 – Document revision history Version 1.0 Initial Release |