| Moteur de recherche de fiches techniques de composants électroniques |
|
FIPY Fiches technique(PDF) 20 Page - Pycom |
|
|
|||||||||||||||||||||||||||||
FIPY Fiches technique(HTML) 20 Page - Pycom |
|
20 / 28 page ![]() 20 Table 18 – LoRa power consumption Symbol Description Conditions Min Typ. Max Unit IDDSL Supply current in sleep mode – 0.1 1 μA IDDIDLE Supply current in idle mode RC oscillator enabled – 1.5 – μA IDDST Supply current in standby mode Crystal oscillator enabled – 1.4 1.6 mA IDDFS Supply current in synthesizer mode FSRx – 4.5 – mA IDDR Supply current in receive mode LnaBoost Off – 10.5 – mA LnaBoost On – 11.2 – mA IDDT Supply current in transmit mode with impedance matching RFOP=+ 20 dBm on PA_BOOST – 125 – mA RFOP=+ 17 dBm on PA_BOOST – 90 – mA RFOP=+ 13 dBm on RFO pin – 28 – mA RFOP=+ 7 dBm on RFO pin – 18 – mA 15.0 Sigfox 15.1 Frequencies Table 19 – Supported sigfox regions Region Uplink Frequency (Hz) Downlink Frequency (Hz) RCZ1 (Europe) 868130000 869525000 RCZ2 (US) 902200000 905200000 RCZ3 (Korea and Japan) 923200000 922200000 RCZ4 (South America, Australia and New Zealand). 920800000 922300000 |