Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC-13 Fiches technique(PDF) 9 Page - ABB

No de pièce FC-13
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

FC-13 Fiches technique(HTML) 9 Page - ABB

Back Button FC-13 Datasheet HTML 5Page - ABB FC-13 Datasheet HTML 6Page - ABB FC-13 Datasheet HTML 7Page - ABB FC-13 Datasheet HTML 8Page - ABB FC-13 Datasheet HTML 9Page - ABB FC-13 Datasheet HTML 10Page - ABB FC-13 Datasheet HTML 11Page - ABB FC-13 Datasheet HTML 12Page - ABB FC-13 Datasheet HTML 13Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
2
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915 2/3
Girder & purlin
Type EH & SM
Girder clips for conduit box
Part no.
ABB order code
T (mm) Ø (mm) A (mm) B (mm) C (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
EH-38
7TCA084030R1091 3-8
7
–
7.5
33
45
F8+
100
EH-814
7TCA084030R1098 8-14
7
–
7.5
33
45
F8+
100
EH-1420
7TCA084030R1085 14-20
7
–
7.5
33
45
F8+
100
EH-38S
7TCA084030R1095 3-8
–
M6x10 7.5
33
45
F8+
100
EH-814S
7TCA084030R1102
8-14
–
M6x10 7.5
33
45
F8+
100
EH-1420S 7TCA084030R1088 14-20
–
M6x10
7.5
33
45
F8+
100
Purlin clip for chain or wire
Part no.
ABB order code
T (mm) Ø (mm) A (mm) B (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
SM-125
7TCA084030R1753 ≤3.0
6.5
37
12.5
20
F2
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80