| Moteur de recherche de fiches techniques de composants électroniques |
|
FC-13 Fiches technique(PDF) 30 Page - ABB |
|
|
|||||||||||||||||||||||||||||
FC-13 Fiches technique(HTML) 30 Page - ABB |
|
30 / 80 page ![]() 4 4/10 Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915 Conduit Type FH-GM & FH-JM Girder clamps for conduit Part no. ABB order code T (mm) Ø (mm) PG type Load rating (kg) Material finishes Quantity (pieces) FH107-GM1219 7TCA084030R1234 Max 18 12-19 7/9/11 12 F8+ 25 FH107-GM1926 7TCA084030R1236 Max 18 19-26 13.5/16 12 F8+ 25 FH107-GM2632 7TCA084030R1238 Max 18 26-32 21 12 F8+ 25 FH107-GM3240 7TCA084030R1240 Max 18 32-40 29 12 F8+ 25 FH107-GM4047 7TCA084030R1242 Max 18 40-47 36 12 F8+ 25 FH107-GM4757 7TCA084030R1925 Max 18 47-57 36/42 12 F8+ 25 Girder clamps for conduit Part no. ABB order code T (mm) Ø (mm) PG type Load rating (kg) Material finishes Quantity (pieces) FH65-JM1825 7TCA084030R1262 Max 18 18-22 11/13.5/16 11 F8+ 25 FH65-JM2229 7TCA084030R1264 Max 18 22-29 13.5/21 11 F8+ 25 FH65-JM2933 7TCA084030R1266 Max 18 29-33 – 11 F8+ 25 Girder clamps for conduit Part no. ABB order code T (mm) Ø (mm) PG type Load rating (kg) Material finishes Quantity (pieces) FH107-JM1825 7TCA084030R1245 Max 18 18-22 11/13.5/16 7 F8+ 25 FH107-JM2229 7TCA084030R1247 Max 18 22-29 13.5/21 7 F8+ 25 FH107-JM2933 7TCA084030R1249 Max 18 29-33 – 7 F8+ 25 3 Nm 180 ° T FH65-JM1825 Ø 3 Nm 180 ° T FH107-JM1825 Ø |