Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM261...ZCZQ1 Fiches technique(PDF) 36 Page - Texas Instruments

No de pièce AM261...ZCZQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Fiches technique(HTML) 36 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 32Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 33Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 34Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 35Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 36Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 37Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 38Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 39Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
U17
Y18
P14
W17
GPIO31
GPIO31_CFG_REG
0x5310 007C
0x0000 05F7
RGMII1_RD0
0
I
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
RMII1_RXD0
1
I
MII1_RXD0
2
I
OSPI1_D1
3
IO
FSITX0_DATA1
6
O
GPIO31
7
IO
T17
W18
P15
V17
GPIO32
GPIO32_CFG_REG
0x5310 0080
0x0000 05F7
RGMII1_RD1
0
I
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
RMII1_RXD1
1
I
MII1_RXD1
2
I
OSPI1_D2
3
IO
FSIRX0_CLK
6
I
GPIO32
7
IO
U18
Y19
R16
W18
GPIO33
GPIO33_CFG_REG
0x5310 0084
0x0000 05F7
RGMII1_RD2
0
I
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
PR1_IEP0_EDC_SYNC_OUT0
1
O
MII1_RXD2
2
I
OSPI1_D3
3
IO
UART1_RXD
4
I
FSIRX0_DATA0
6
I
GPIO33
7
IO
EQEP0_A
8
I
GPMC0_CSn2
9
O
T18
W19
N14
V18
GPIO34
GPIO34_CFG_REG
0x5310 0088
0x0000 05F7
RGMII1_RD3
0
I
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
PR1_IEP0_EDIO_DATA_IN_OUT31
1
IO
MII1_RXD3
2
I
OSPI1_D4
3
IO
UART1_TXD
4
O
FSIRX0_DATA1
6
I
GPIO34
7
IO
EQEP0_B
8
I
GPMC0_CSn3
9
O
N18
U20
L15
R18
GPIO35
GPIO35_CFG_REG
0x5310 008C
0x0000 05F7
RGMII1_TXC
0
O
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
PR1_IEP0_EDIO_DATA_IN_OUT30
1
IO
MII1_TXCLK
2
I
OSPI1_D5
3
IO
UART4_RXD
4
I
GPIO35
7
IO
EQEP0_INDEX
8
IO
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More