| Moteur de recherche de fiches techniques de composants électroniques |
|
AM261...ZCZQ1 Fiches technique(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZQ1 Fiches technique(HTML) 26 Page - Texas Instruments |
|
26 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] F15 F20 E18 GPIO103 GPIO103_CFG_REG 0x5310 019C 0x0000 05F7 PR0_PRU1_GPIO5 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD RMII1_RX_ER 2 I MII1_RX_ER 4 I GPIO103 7 IO TRC_DATA0 8 O ADC_EXTCH_XBAROUT6 9 O C18 E20 GPIO104 GPIO104_CFG_REG 0x5310 01A0 0x0000 05F7 PR0_PRU1_GPIO9 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR0_UART0_RXD 1 I PR0_IEP0_EDIO_DATA_IN_OUT31 3 IO MII1_COL 4 I GPMC0_A21 6 O GPIO104 7 IO TRC_DATA1 8 O ADC_EXTCH_XBAROUT7 9 O D17 E19 GPIO105 GPIO105_CFG_REG 0x5310 01A4 0x0000 05F7 PR0_PRU1_GPIO10 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR0_UART0_TXD 1 O RMII1_CRS_DV 2 I PR0_IEP0_EDIO_DATA_IN_OUT30 3 IO MII1_CRS 4 I GPMC0_A20 6 O GPIO105 7 IO TRC_DATA2 8 O D18 G18 C19 GPIO106 GPIO106_CFG_REG 0x5310 01A8 0x0000 05F7 PR0_PRU1_GPIO8 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD GPIO106 7 IO TRC_DATA3 8 O E16 F19 E13 D19 GPIO107 GPIO107_CFG_REG 0x5310 01AC 0x0000 05F7 PR0_PRU1_GPIO6 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD MCAN0_RX 1 I RMII1_REF_CLK 2 IO RGMII1_RXC 3 I MII1_RXCLK 4 I GPIO107 7 IO TRC_DATA4 8 O AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 26 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |