Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R3111Q552B Fiches technique(PDF) 29 Page - Nisshinbo Micro Devices Inc.

No de pièce R3111Q552B
Description  LOW VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NISSHINBO [Nisshinbo Micro Devices Inc.]
Site Internet  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3111Q552B Fiches technique(HTML) 29 Page - Nisshinbo Micro Devices Inc.

Back Button R3111Q552B Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 30Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 31Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 32Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 33Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
R3111x
29
 R3111E (TO-92) is the discontinued product as of April, 2017.
 Package Dimensions (SOT-23-3)
Unit: mm
0.8
0~0.1
2.9
±0.2
1.9
±0.2
(0.95)
(0.95)
0.4
±0.1
1
2
3
0.16-0.06
+0.1
1.1-0.1
1.4MAX.
+0.2
 Mark Specification (SOT-23-3)

: Product Code …Refer to Mark Specification Table (SOT-23-3).

: Lot No. ………... Alphanumeric Serial Number

12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43