| Moteur de recherche de fiches techniques de composants électroniques |
|
CWA-STANDARD-R Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CWA-STANDARD-R Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 8 page ![]() 4 NXP—Quick Reference Guide 2016 CodeWarrior SUITES mobileGT Bare Board** MPC5xx** MPC55xx MCUs/5xxx MPC7448, MPC8xx, MPC82xx, MPC83xx, MPC85xx, MPC86xx, P1011, P1012, P2010 and P2020 Linux® Tools Classic Classic Classic Classic CodeWarrior Development Studio for mobileGT Processors (Classic, Windows) CodeWarrior Development Studio for MPC5xx, Professional Edition (Classic, Windows) CodeWarrior Development Studio for MPC55xx/MPC56xx Microcontrollers, Special Edition (Classic, Windows) CodeWarrior Development Studio for Power Architecture®, Linux Platform Edition (Classic, Linux/Windows) X X (Evaluation Part Number: CWX-MGT-EX) X X Full-featured, 30-day evaluation copies can be downloaded or ordered from www.nxp.com (Evaluation Part Number: CWX-MPC-5XX-EX) X X Classic IDE X X C compiler and C source-level debugger–code and data size restricted to 128 KB X X P&E Flash programmer and debugger X X CodeWarrior build tools can be used with Lauterbach and iSYSTEM debuggers and hardware (Part Number: CWS- MPC-5500-SE) X X Full-featured, 30-day evaluation copies can be downloaded or ordered from www.nxp.com (Evaluation Part Numbers: CWX-PPC-LLAPP-EX and CWX-PPC-LINWH-EX) CodeWarrior Development Studio for mobileGT, Flash Loader Only (Classic, Windows) – – CodeWarrior Development Studio for Power Architecture, Linux Application Edition (Classic, Windows and Linux) X X Classic IDE X X Use CodeWarriorTAP to program flash on supported devices X X Hardware diagnostics to perform memory, address and bus noise testing – – X X Classic IDE X X Supports GNU compiler collection X X Ability to integrate alternative GNU compilers X X Application debug with serial or networking connectivity X X Full multithreading/multitasking application debugging X X Individual control threads X X Follow fork/child debugging X X Full multiprocess debug from one IDE X X Step one thread while all others are stopped X X Process and thread list X X Available on either Windows or Linux hosts – CodeWarrior Development Studio for MPC5xx, Debug Only Edition (Classic, Windows) CodeWarrior Development Studio for MPC55XX/MPC56XX, Standard Edition (Classic, Windows) CodeWarrior Development Studio for Power Architecture, Linux Platform Edition, Debug Only (Classic, Windows) – X X Classic IDE X X Unlimited C source-level debugger X X Hardware breakpoints X X Unlimited software breakpoints X X Eventpoints X X Classic IDE X X Unlimited assembler X X Unlimited C/C++ compiler and source-level debugger X X P&E flash programmer and debugger X X Profiler X X OSEK kernel-aware debugging X X PC-lint plug-in support X X Classic IDE X X Bare-board multicore support (no build tools) X X U-boot (and other boot loaders) debug support X X Create, load and debug Linux kernel modules X X Concurrently debug multiple applications, process and threads X X Modify source files while debugging (original is cached) X X Browser support in the debugger X X View the state of individual kernel threads X X Examples available showing debugging applications and kernel modules X X Integrated hardware diagnostics for board-level testing X X Integrated source code navigation X X 2.6.x and 2.4.x Linux kernels are supported X X Stack crawl and local variables view X X Hardware and software breakpoints X X Advanced process management and display CodeWarrior Development Studio for mobileGT, Professional Edition (Classic, Windows) CodeWarrior Development Studio for MPC5xx, Professional Edition (Classic, Windows) CodeWarrior Development Studio for MPC55XX/MPC56XX, Standard Edition (Classic, Windows) CodeWarrior Development Studio for Power Architecture, Linux Platform Edition (Classic, Linux) X X Classic IDE X X Unlimited assembler X X Unlimited C/C++ compiler and debugger X X GNU compiler support X X Integrated flash programmer X X Profiler X X Code coverage X X PC-lint plug-in X X Classic IDE X X Unlimited assembler X X Unlimited C/C++ compiler and debugger X X GNU compiler support X X Integrated flash programmer X X OSEK awareness X X Profiler X X Code coverage X X PC-lint plug-in X X This product is included in the Standard Suite. See Standard Suite for product details. X X Classic IDE X X Concurrently debug multiple applications, process and threads X X U-boot (and other boot loaders) debug support X X Highly efficient C/C++ compiler with cutting-edge optimization technology for fast, compact code X X Modify source files while debugging (original is cached) X X Create, load and debug Linux kernel modules X X View the state of individual kernel threads X X 2.6.x and 2.4.x Linux kernels are supported X X Examples available showing debugging applications and kernel modules X X Browser support in the debugger X X Integrated hardware diagnostics for board-level testing X X Integrated source code navigation X X Source files can be modified while debugging X X Stack crawl and local variables view X X Hardware and software breakpoints X X Advanced process management and display **This product is a 32-bit application. To install and use it on Windows 7 64-bit machines, see AN3936, “Installing CodeWarrior Classic on Windows 7 (64 bit)”Q2 2016 |