| Moteur de recherche de fiches techniques de composants électroniques |
|
CWA-STANDARD-R Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CWA-STANDARD-R Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 8 page ![]() 2 NXP—Quick Reference Guide 2016 ColdFire® V2, V3 and V4 Linux® Tools ColdFire V2, V3 and V4 Bare Board** 56800/E Digital Signal Controllers** S12(X) IDE Classic Classic Classic Classic CodeWarrior Development Studio for ColdFire Architectures, Linux Application Edition (Classic, Linux and Windows®) CodeWarrior Development Studio for ColdFire ISA, Linux Platform Edition (Classic, Linux) CodeWarrior Development Studio for ColdFire Architectures, Special Edition (Classic, Windows) CodeWarrior Development Studio for DSC56800/E, Special Edition (Classic, Windows) CodeWarrior Development Studio for S12(X), Special Edition (Classic, Windows) X X Full-featured, 30-day evaluation copies can be downloaded or ordered from www.nxp.com. (Evaluation Part Numbers: CWX-MCF-WLAPP-EX, CWX-MCF-LLPLT- EX (Evaluation)) X X Classic IDE X X Unlimited assembler X X C compiler and C source-level debugger–code and data size restricted to 128 KB X X Integrated flash programmer X X Flash tool kit to create flash programming algorithms for external memory devices X X Device initialization tool X X Processor Expert® with basic components (Special Edition Part Number: CWX- MCF-SE) X X Classic IDE X X Unlimited assembler X X C compiler and C source-level debugger–code and data size restricted to 64 KB X X Standalone and built-in flash programmer X X Processor Expert with basic and advanced components X X Instruction set simulator X X FreeMASTER™ (Special Edition Part Number: CWX-568-SE) X X Classic IDE X X Unlimited assembler X X C compiler and C source-level debugger–code and data size restricted to 32 KB X X C compiler and C source-level debugger for our XGATE module (code and data size restricted to 512 KB) X X Integrated flash programmer X X Device initialization tool X X Processor Expert with basic components (Special Edition Part Number: CWX- HXX-SE) CodeWarrior Development Studio for ColdFire Architectures, Linux Application Edition (Classic, Windows and Linux) CodeWarrior Development Studio for ColdFire Architectures, Basic Edition (Classic, Windows) CodeWarrior Development Studio for DSC56800/E, 64K Compiler Upgrade Edition (Classic, Windows) CodeWarrior Development Studio for S12(X), 64K Compiler Upgrade Edition (Classic, Windows) X X • Classic IDE X X GNU C/C++ compiler X X No code size limit X X Flash programmer unlimited download size X X Debug multiple threads, processes, applications and shared libraries X X • Classic IDE X X Unlimited assembler X X C compiler and C source-level debugger–code and data size restricted to 512 KB X X Integrated flash programmer X X Flash tool kit to create flash programming algorithms for external memory devices X X Device initialization tool X X Processor Expert with basic components X X Classic IDE X X Unlimited assembler X X C compiler and C source-level debugger–code and data size restricted to 256 KB X X Standalone and built-in flash programmer X X Processor Expert with basic and advanced components X X Instruction set simulator X X FreeMASTER X X Classic IDE X X Unlimited assembler X X C compiler and C source-level debugger–code and data size restricted to 64 KB X X C compiler and C source-level debugger for our XGATE module—code and data size restricted to 512 KB X X Integrated flash programmer X X Device initialization tool X X Processor Expert with basic components CodeWarrior Development Studio for ColdFire Architectures, Linux Application Edition (Classic, Windows and Linux) CodeWarrior Development Studio for ColdFire Architectures, Standard Edition (Classic, Windows) CodeWarrior Development Studio for DSC56800/E, Standard Edition (Classic, Windows) CodeWarrior Development Studio for S12(X), Standard Edition (Classic, Windows) This product is included in the Basic Suite. See Basic Suite for product details. X X Classic IDE X X Unlimited assembler X X Unlimited C compiler and C source-level debugger X X Integrated flash programmer X X Flash tool kit to create flash programming algorithms for external memory devices X X Device initialization tool X X Processor Expert with basic components X X Classic IDE X X Unlimited assembler X X Unlimited C compiler and C source-level debugger X X Standalone and built-in flash programmer X X Processor Expert with basic and advanced components X X Instruction set simulator X X FreeMASTER X X Classic IDE X X Unlimited assembler X X Unlimited C compiler and C source- level debugger for HCS12, HCS12X and XGATE X X Integrated flash programmer X X Device initialization tool X X Processor Expert with basic components CodeWarrior Development Studio for ColdFire Architectures, Linux Platform Edition (Classic, Linux) CodeWarrior Development Studio for ColdFire Architectures, Standard Edition (Classic, Windows) CodeWarrior Development Studio for DSC56800/E, Standard Edition (Classic, Windows) CodeWarrior Development Studio for S12(X), Standard Edition (Classic, Windows) X X Classic IDE X X GNU C/C++ compiler X X No code size limit X X Flash programmer unlimited download size X X Debug multiple threads, processes, applications and shared libraries X X Run control X X CodeWarrior TAP support X X P&E USB support X X Abatron BDI-2000/BDI-1000 support X X Classic IDE X X Unlimited assembler X X Unlimited C/C++ compiler and debugger X X Integrated flash programmer X X Flash tool kit to create flash programming algorithms for external memory devices X X Device initialization tool X X Processor Expert with basic and advanced components X X Processor Expert Component Wizard X X RTOS awareness X X Profile analysis X X This product is included in the Standard Suite. See Standard Suite for product details. X X Classic IDE X X Unlimited assembler X X Unlimited C/C++/EC++/cC++ compiler and debugger for S12(X) derivatives and XGATE module X X Integrated flash programmer X X Device initialization tool X X Processor Expert with basic and advanced components X X Processor Expert Component Wizard X X OSEK kernel awareness X X Code coverage X X Profile analysis X X PC-lint plug-in **This product is a 32-bit application. To install and use it on Windows 7 64-bit machines, see AN3936, “Installing CodeWarrior Classic on Windows 7 (64 bit)”Q1 2014 CodeWarrior SUITES |