Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSC8101UG/D Fiches technique(PDF) 8 Page - Freescale Semiconductor, Inc

No de pièce MSC8101UG/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101UG/D Fiches technique(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MSC8101UG/D Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
1-4
Freescale Semiconductor
Signals/Connections
1.1 Power Signals
1.2 Clock Signals
Table 1-2.
Power and Ground Signal Inputs
Power Name
Description
VDD
Internal Logic Power
VDD dedicated for use with the device core. The voltage should be well-regulated and the input should be provided with
an extremely low impedance path to the VDD power rail.
VDDH
Input/Output Power
This source supplies power for the I/O buffers. The user must provide adequate external decoupling capacitors.
VCCSYN
System PLL Power
VCC dedicated for use with the system Phase Lock Loop (PLL). The voltage should be well-regulated and the input
should be provided with an extremely low impedance path to the VCC power rail.
VCCSYN1
SC140 PLL Power
VCC dedicated for use with the SC140 core PLL. The voltage should be well-regulated and the input should be provided
with an extremely low impedance path to the VCC power rail.
GND
System Ground
An isolated ground for the internal processing logic. This connection must be tied externally to all chip ground
connections, except GNDSYN and GNDSYN1. The user must provide adequate external decoupling capacitors.
GNDSYN
System PLL Ground
Ground dedicated for system PLL use. The connection should be provided with an extremely low-impedance path to
ground.
GNDSYN1
SC140 PLL Ground 1
Ground dedicated for SC140 core PLL use. The connection should be provided with an extremely low-impedance path
to ground.
Table 1-3.
Clock Signals
Signal Name
Type
Signal Description
CLKIN
Input
Clock In
Primary clock input to the MSC8103 PLL.
MODCK1
TC0
BNKSEL0
Input
Output
Output
Clock Mode Input 1
Defines the operating mode of internal clock circuits.
Transfer Code 0
Supplies information that can be useful for debugging bus transactions initiated by the MSC8103.
Bank Select 0
Selects the SDRAM bank when the MSC8103 is in 60x-compatible bus mode.
MODCK2
TC1
BNKSEL1
Input
Output
Output
Clock Mode Input 2
Defines the operating mode of internal clock circuits.
Transfer Code 1
Supplies information that can be useful for debugging bus transactions initiated by the MSC8103.
Bank Select 1
Selects the SDRAM bank when the MSC8103 is in 60x-compatible bus mode.
MODCK3
TC2
BNKSEL2
Input
Output
Output
Clock Mode Input 3
Defines the operating mode of internal clock circuits.
Transfer Code 2
Supplies information that can be useful for debugging bus transactions initiated by the MSC8103.
Bank Select 2
Selects the SDRAM bank when the MSC8103 is in 60x-compatible bus mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More