Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSC8101UG/D Fiches technique(PDF) 71 Page - Freescale Semiconductor, Inc

No de pièce MSC8101UG/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101UG/D Fiches technique(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MSC8101UG/D Datasheet HTML 67Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 68Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 69Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 70Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 71Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 72Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 73Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 74Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
FC-PBGA Package Description
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
3-5
ALE
H18
ARTRY
U12
BADDR27
D19
BADDR28
B19
BADDR29
C19
BADDR30
H14
BADDR31
H13
BCTL0
F19
BCTL1
L19
BG
V12
BNKSEL0
E18
BNKSEL1
F18
BNKSEL2
G18
BR
H17
BRG1O
H3
BRG1O
V2
BRG2O
J3
BRG2O
N7
BRG3O
K3
BRG4O
L3
BRG5O
L7
BRG6O
M2
BRG7O
N1
BRG8O
P1
BTM0
E1
BTM1
F3
CD for FCC1
N10
CD for FCC2
P10
CD/RENA for SCC1
T6
CD/RENA for SCC2
V4
CLK1
H3
CLK2
J3
CLK3
K3
CLK4
L3
Table 3-1.
MSC8103 Signal Listing By Name (Continued)
Signal Name
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More