| Moteur de recherche de fiches techniques de composants électroniques |
|
M34C00 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34C00 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 15 page ![]() M34C00 6/15 Figure 6. Byte Write Sequences (showing differences in Acknowledge bits) BYTE WRITE in Array-1 and Array-2 (and in Array-0, if unprotected) DEV SEL BYTE ADDR DATA IN AI03715B ACK NO ACK NO ACK R/W DEV SEL BYTE ADDR DATA IN ACK ACK ACK R/W BYTE WRITE in Array-0, if protected Figure 7. Write Cycle Polling Flowchart using ACK WRITE Cycle in Progress (to be followed by a READ) AI03716B START Condition DEVICE SELECT with RW = 1 ACK Returned Yes No Read Data Byte ACK NoACK STOP Continue the Sequential Read Yes No WRITE Cycle in Progress (to be followed by a WRITE) START Condition DEVICE SELECT with RW = 0 ACK Returned Yes No Send Address Byte ReSTART STOP Next Operation is a Write Yes No ACK Send Data Byte ACK STOP |