Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34C00 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce M34C00
Description  3 x 128 bit Serial I²C Bus EEPROM For ee-Tags
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C00 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button M34C00 Datasheet HTML 7Page - STMicroelectronics M34C00 Datasheet HTML 8Page - STMicroelectronics M34C00 Datasheet HTML 9Page - STMicroelectronics M34C00 Datasheet HTML 10Page - STMicroelectronics M34C00 Datasheet HTML 11Page - STMicroelectronics M34C00 Datasheet HTML 12Page - STMicroelectronics M34C00 Datasheet HTML 13Page - STMicroelectronics M34C00 Datasheet HTML 14Page - STMicroelectronics M34C00 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
M34C00
14/15
Table 9. Revision History
Date
Rev
Description of Revision
05-Jan-2000
1.0
Document written
16-Oct-2000
1.1
Wording changes, according to the standard glossary
Explanation of Writing to the Protection Register, and Reading from it
Addition of the SOT23-5 package on pp 1, 2, ordering info, and mechanical data
26-Feb-2001
1.2
SOT23 Connections modified
Paragraphs added on Don’t Care bits in the address byte, and the effect of address in the
Invalid array
Attempts to read beyond the end of the memory cause roll-over to occur
Reading the protection register does not involve sending an address byte
08-Jun-2001
1.3
Lead Soldering Temperature in the Absolute Maximum Ratings table amended
Write Cycle Polling Flow Chart using ACK illustration updated
Package mechanical data updated for TSSOP8 package according to JEDEC\MO-153
27-Aug-2001
1.4
Document promoted from “Product Preview” to “Preliminary Data” status
SOT23-5 package removed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15