| Moteur de recherche de fiches techniques de composants électroniques |
|
AC-3 Fiches technique(PDF) 3 Page - ABB |
|
|
|||||||||||||||||||||||||||||
AC-3 Fiches technique(HTML) 3 Page - ABB |
|
3 / 25 page ![]() Low Voltage Products 2 /3 E 500 DU 250...800 E 200 DU TA 75 DU ... 29...42 36...52 45...63 60...80 60...80 65... 90 80...110 TA 200 DU ... 130...175 150...200 60...200 TA 450 DU ... 165...235 220...310 E 320 DU 100...320 150...500 E 800 DU TA 80 DU ... TA 110 DU ... 375...1250 E 1250 DU bar / mm A 50 A 63 A 75 A 95 A 110 A 145 A 185 A 210 A 260 A 300 AF 400 AF 460 AF 580 AF 750 AF 1350 AF 1650 AE 50 AE 63 AE 75 AE 95 AE 110 AF 145 AF 185 AF 210 AF 260 AF 300 bar / mm bar / mm 22 30 37 45 55 75 90 110 140 160 200 250 315 400 475 560 50 65 75 96 110 145 185 210 260 305 400 460 580 750 860 1050 50 65 75 96 110 145 185 210 260 300 400 460 580 750 860 1050 35 43 46 65 82 120 170 210 220 280 350 400 500 650 800 950 100 115 125 145 160 250 275 350 400 500 600 700 800 1050 1350 1650 85 95 105 135 145 230 250 300 350 400 500 600 700 875 1150 1450 70 80 85 115 130 180 180 240 290 325 400 480 580 720 1000 1270 35 50 50 50 70 120 150 185 240 300 2 x 185 2 x 240 2x240 2x50x8 2//100x5 3//100x5 1000 690 1000 40 60 60 60 75 100 125 150 200 250 350 400 500 600 800 900 80 90 105 125 140 230 250 300 350 400 550 650 750 900 1350 1650 2– 3 – – 4 – – 5 – – 6 – 7 – 8 Inverse timing - Front mounting – TE5S Direct timing - Separate mounting – TE5S Sep. mounting RV 5 RC 5-2 RT 5 VE 5-2 – – VM 300H – VM 750H 1 x N.O. + 1 x N.C. 1 x N.O. + 1 x N.C. 1 x N.O. + 1 x N.C. A 50-30-00 A 95-30-00 A 145-30-11 A 210-30-11 AF 400-30-11 AF 580-30-11 AF 1350-30-11 A 63-30-00 A 110-30-00 A 185-30-11 A 260-30-11 AF 460-30-11 AF 750-30-11 AF 1650-30-11 A 75 30-00 A 300-30-11 AE 50-30-00 AE 95-30-00 AF 145-30-11 AF 210-30-11 AF 400-30-11 AF 580-30-11 AF 1350-30-11 AE 63-30-00 AE 110-30-00 AF 185-30-11 AF 260-30-11 AF 460-30-11 AF 750-30-11 AF 1650-30-11 AE 75-30-00 AF 300-30-11 CAL 5-11 2-pole, side mounting – VM 1650H The AF 50 ... AF 1650 contactors are equipped with a built-in electronic coil interface which eliminates the need of extra surge suppressors - For A 145 ... A 300 use RC-EH 300 >> Accessories ........................................... section 4 >> Motor Protection ................................... section 5 >> Approvals ............................................... section 7 >> Terminal Marking .................................. section 8 >> Dimensions ............................................ section 9 Information about: Information about: CAL 18-11 2-pole, side mounting CAL 18-11 B (1st block) (2nd block) 3-pole Contactors 3-pole Contactors Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 3 of 25 |