Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC-3 Fiches technique(PDF) 20 Page - ABB

No de pièce AC-3
Description  3--polle Conttacttorrss
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

AC-3 Fiches technique(HTML) 20 Page - ABB

Back Button AC-3 Datasheet HTML 16Page - ABB AC-3 Datasheet HTML 17Page - ABB AC-3 Datasheet HTML 18Page - ABB AC-3 Datasheet HTML 19Page - ABB AC-3 Datasheet HTML 20Page - ABB AC-3 Datasheet HTML 21Page - ABB AC-3 Datasheet HTML 22Page - ABB AC-3 Datasheet HTML 23Page - ABB AC-3 Datasheet HTML 24Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
9
Low Voltage Products
9
/7
1SBC100122C0202
123
108.3
9
6.3
4
10
4.5
45
4.5
69
(M4)
ø 4.2
123
108.3
9
6.3
4
10
4.5
45
4.5
69
(M4)
ø 4.2
54
108.3
9
10
9.7
103.7
6
4
ø4.2
4.5
4.5
45
(M4)
54
112.8
1.8
6
108.3
9
10
4
ø4.2
4.5
4.5
45
(M4)
A 30 and A 40 3-pole Contactors
Dimensions (in mm)
A 30, A 40
+ VE 5-1 electrical and mechanical interlock unit
A 30, A 40
+ VM 5-1 mechanical interlock unit
A 30, A 40
+ TA 25 DU thermal O/L relay
* For TA 25 DU 32 only
A 30, A 40
+ TA 42 DU thermal O/L relay
Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 20 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25