| Moteur de recherche de fiches techniques de composants électroniques |
|
TL054IDR Fiches technique(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TL054IDR Fiches technique(HTML) 61 Page - STMicroelectronics |
|
61 / 67 page ![]() MECHANICAL DATA MLCC006B – OCTOBER 1996 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 FK (S-CQCC-N**) LEADLESS CERAMIC CHIP CARRIER 4040140 / D 10/96 28 TERMINAL SHOWN B 0.358 (9,09) MAX (11,63) 0.560 (14,22) 0.560 0.458 0.858 (21,8) 1.063 (27,0) (14,22) A NO. OF MIN MAX 0.358 0.660 0.761 0.458 0.342 (8,69) MIN (11,23) (16,26) 0.640 0.739 0.442 (9,09) (11,63) (16,76) 0.962 1.165 (23,83) 0.938 (28,99) 1.141 (24,43) (29,59) (19,32) (18,78) ** 20 28 52 44 68 84 0.020 (0,51) TERMINALS 0.080 (2,03) 0.064 (1,63) (7,80) 0.307 (10,31) 0.406 (12,58) 0.495 (12,58) 0.495 (21,6) 0.850 (26,6) 1.047 0.045 (1,14) 0.045 (1,14) 0.035 (0,89) 0.035 (0,89) 0.010 (0,25) 12 13 14 15 16 18 17 11 10 8 9 7 5 4 3 2 0.020 (0,51) 0.010 (0,25) 6 1 28 26 27 19 21 B SQ A SQ 22 23 24 25 20 0.055 (1,40) 0.045 (1,14) 0.028 (0,71) 0.022 (0,54) 0.050 (1,27) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. This package can be hermetically sealed with a metal lid. D. The terminals are gold plated. E. Falls within JEDEC MS-004 |