Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL054IDR Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce TL054IDR
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL054IDR Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button TL054IDR Datasheet HTML 52Page - STMicroelectronics TL054IDR Datasheet HTML 53Page - STMicroelectronics TL054IDR Datasheet HTML 54Page - STMicroelectronics TL054IDR Datasheet HTML 55Page - STMicroelectronics TL054IDR Datasheet HTML 56Page - STMicroelectronics TL054IDR Datasheet HTML 57Page - STMicroelectronics TL054IDR Datasheet HTML 58Page - STMicroelectronics TL054IDR Datasheet HTML 59Page - STMicroelectronics TL054IDR Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TL051CDR
SOIC
D
8
2500
340.5
338.1
20.6
TL052ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL052AIDR
SOIC
D
8
2500
340.5
338.1
20.6
TL052CDR
SOIC
D
8
2500
340.5
338.1
20.6
TL052CPSR
SO
PS
8
2000
346.0
346.0
33.0
TL052IDR
SOIC
D
8
2500
340.5
338.1
20.6
TL054ACDR
SOIC
D
14
2500
333.2
345.9
28.6
TL054AIDR
SOIC
D
14
2500
333.2
345.9
28.6
TL054CDBR
SSOP
DB
14
2000
346.0
346.0
33.0
TL054CDR
SOIC
D
14
2500
333.2
345.9
28.6
TL054CNSR
SO
NS
14
2000
346.0
346.0
33.0
TL054IDR
SOIC
D
14
2500
333.2
345.9
28.6
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Mar-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67