| Moteur de recherche de fiches techniques de composants électroniques |
|
IRGP20B60PDPBF Fiches technique(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGP20B60PDPBF Fiches technique(HTML) 4 Page - International Rectifier |
|
4 / 11 page ![]() IRGP20B60PDPbF 4 www.irf.com Fig. 8 - Typical VCE vs. VGE TJ = 25°C Fig. 9 - Typical VCE vs. VGE TJ = 125°C Fig. 12 - Typ. Switching Time vs. IC TJ = 125°C; L = 200µH; VCE = 390V, RG = 10Ω; VGE = 15V. Diode clamp used: 8ETH06 (See C.T.3) Fig. 11 - Typ. Energy Loss vs. IC TJ = 125°C; L = 200µH; VCE = 390V, RG = 10Ω; VGE = 15V. Diode clamp used: 8ETH06 (See C.T.3) Fig. 10 - Typ. Diode Forward Characteristics tp = 80µs 0 5 10 15 20 VGE (V) 0 50 100 150 200 250 300 350 400 450 TJ = 25°C TJ = 125°C Fig. 7 - Typ. Transfer Characteristics VCE = 50V; tp = 10µs 0 5 10 15 20 VGE (V) 0 1 2 3 4 5 6 7 8 9 10 ICE = 20A ICE = 13A ICE = 8.0A 0 5 10 15 20 VGE (V) 0 1 2 3 4 5 6 7 8 9 10 ICE = 20A ICE = 13A ICE = 8.0A 0 5 10 15 20 25 IC (A) 0 50 100 150 200 250 300 350 EOFF EON 0 5 10 15 20 25 IC (A) 1 10 100 1000 tR tdOFF tF tdON 1 10 100 0.4 0.8 1.2 1.6 2.0 2.4 FM Forward Voltage Drop - V (V) T = 150°C T = 125°C T = 25°C J J J |