| Moteur de recherche de fiches techniques de composants électroniques |
|
IRGP20B60PDPBF Fiches technique(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGP20B60PDPBF Fiches technique(HTML) 2 Page - International Rectifier |
|
2 / 11 page ![]() IRGP20B60PDPbF 2 www.irf.com Notes: RCE(on) typ. = equivalent on-resistance = VCE(on) typ. / IC, where VCE(on) typ. = 2.05V and IC = 13A. ID (FET Equivalent) is the equivalent MOSFET ID rating @ 25°C for applications up to 150kHz. These are provided for comparison purposes (only) with equivalent MOSFET solutions. VCC = 80% (VCES), VGE = 15V, L = 28µH, RG = 22Ω. Pulse width limited by max. junction temperature. Energy losses include "tail" and diode reverse recovery. Data generated with use of Diode 8ETH06.
Coes eff. is a fixed capacitance that gives the same charging time as Coes while VCE is rising from 0 to 80% VCES. Coes eff.(ER) is a fixed capacitance that stores the same energy as Coes while VCE is rising from 0 to 80% VCES. Electrical Characteristics @ TJ = 25°C (unless otherwise specified) Parameter Min. Typ. Max. Units Conditions Ref.Fig V(BR)CES Collector-to-Emitter Breakdown Voltage 600 ——V VGE = 0V, IC = 500µA ∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage —0.32— V/°C VGE = 0V, IC = 1mA (25°C-125°C) RG Internal Gate Resistance — 4.3 — Ω 1MHz, Open Collector —2.05 2.35 IC = 13A, VGE = 15V 4, 5,6,8,9 VCE(on) Collector-to-Emitter Saturation Voltage — 2.50 2.80 V IC = 20A, VGE = 15V —2.65 3.00 IC = 13A, VGE = 15V, TJ = 125°C —3.30 3.70 IC = 20A, VGE = 15V, TJ = 125°C VGE(th) Gate Threshold Voltage 3.0 4.0 5.0 V IC = 250µA 7,8,9 ∆VGE(th)/∆TJ Threshold Voltage temp. coefficient — -11 — mV/°C VCE = VGE, IC = 1.0mA gfe Forward Transconductance — 19 — S VCE = 50V, IC = 40A, PW = 80µs ICES Collector-to-Emitter Leakage Current — 1.0 250 µA VGE = 0V, VCE = 600V —0.1 — mA VGE = 0V, VCE = 600V, TJ = 125°C VFM Diode Forward Voltage Drop — 1.4 1.7 V IF = 12A, VGE = 0V 10 —1.3 1.6 IF = 12A, VGE = 0V, TJ = 125°C IGES Gate-to-Emitter Leakage Current — — ±100 nA VGE = ±20V, VCE = 0V Switching Characteristics @ TJ = 25°C (unless otherwise specified) Parameter Min. Typ. Max. Units Ref.Fig Qg Total Gate Charge (turn-on) — 68 102 IC = 13A 17 Qgc Gate-to-Collector Charge (turn-on) — 24 36 nC VCC = 400V CT1 Qge Gate-to-Emitter Charge (turn-on) — 10 15 VGE = 15V Eon Turn-On Switching Loss — 95 140 IC = 13A, VCC = 390V CT3 Eoff Turn-Off Switching Loss — 100 145 µJ VGE = +15V, RG = 10Ω, L = 200µH Etotal Total Switching Loss — 195 285 TJ = 25°C f td(on) Turn-On delay time — 20 26 IC = 13A, VCC = 390V CT3 tr Rise time — 5.0 7.0 ns VGE = +15V, RG = 10Ω, L = 200µH td(off) Turn-Off delay time — 115 135 TJ = 25°C fà tf Fall time — 6.0 8.0 Eon Turn-On Switching Loss — 165 215 IC = 13A, VCC = 390V CT3 Eoff Turn-Off Switching Loss — 150 195 µJ VGE = +15V, RG = 10Ω, L = 200µH 11,13 Etotal Total Switching Loss — 315 410 TJ = 125°C f WF1,WF2 td(on) Turn-On delay time — 19 25 IC = 13A, VCC = 390V CT3 tr Rise time — 6.0 8.0 ns VGE = +15V, RG = 10Ω, L = 200µH 12,14 td(off) Turn-Off delay time — 125 140 TJ = 125°C fà WF1,WF2 tf Fall time — 13 17 Cies Input Capacitance — 1570 — VGE = 0V 16 Coes Output Capacitance — 130 — VCC = 30V Cres Reverse Transfer Capacitance — 20 — pF f = 1Mhz Coes eff. Effective Output Capacitance (Time Related) g —94— VGE = 0V, VCE = 0V to 480V 15 Coes eff. (ER) Effective Output Capacitance (Energy Related) g —76— TJ = 150°C, IC = 80A 3 RBSOA Reverse Bias Safe Operating Area FULL SQUARE VCC = 480V, Vp =600V CT2 Rg = 22 Ω, VGE = +15V to 0V trr Diode Reverse Recovery Time — 42 60 ns TJ = 25°C IF = 12A, VR = 200V, 19 —80 120 TJ = 125°C di/dt = 200A/µs Qrr Diode Reverse Recovery Charge — 80 180 nC TJ = 25°C IF = 12A, VR = 200V, 21 — 220 600 TJ = 125°C di/dt = 200A/µs Irr Peak Reverse Recovery Current — 3.5 6.0 A TJ = 25°C IF = 12A, VR = 200V, 19,20,21,22 —5.6 10 TJ = 125°C di/dt = 200A/µs CT5 Conditions |