Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320DM643 Fiches technique(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Fiches technique(HTML) 26 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 22Page - Texas Instruments TMS320DM643 Datasheet HTML 23Page - Texas Instruments TMS320DM643 Datasheet HTML 24Page - Texas Instruments TMS320DM643 Datasheet HTML 25Page - Texas Instruments TMS320DM643 Datasheet HTML 26Page - Texas Instruments TMS320DM643 Datasheet HTML 27Page - Texas Instruments TMS320DM643 Datasheet HTML 28Page - Texas Instruments TMS320DM643 Datasheet HTML 29Page - Texas Instruments TMS320DM643 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 162 page
background image
www.ti.com
VP2D[10]
VP2D[11]
VP2D[12]
VP2D[13]
VP2D[14]
VP2D[15]
VP2D[16]
VP2D[17]
VP2D[0]
VP2D[1]
VP2D[2]
VP2D[3]
VP2D[4]
VP2D[5]
VP2D[6]
VP2D[7]
VP2D[8]
VP2D[9]
VP2D[18]
VP2D[19]
Capture/Display
Buffer
(2560 Bytes)
VP2CLK0
VP2CLK1
VP2CTL0
VP2CTL1
VP2CTL2
Timing and
Control Logic
Video Port 2 (VP2)
Channel B(B)
Channel A(A)
Capture/Display
Buffer
(2560 Bytes)
Channel B uses only
the VP2D[19:10]
bidirectional pins
STCLK(C)
A. Channel A supports: BT.656 (8/10-bit), Y/C Video (16/20-bit), RAW Video (16/20-bit) display modes and BT.656 (8/10-bit), Y/C
Video (16/20-bit), RAW Video (16/20-bit) capture modes [TSI (8-bit) capture mode].
B. Channel B supports: BT.656 (8/10-bit), RAW Video (8/10-bit) capture modes and can display synchronized RAW Video data with
Channel A.
C. The same STCLK signal is used for both video ports (VP1 and VP2).
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Figure 2-13. Video Port 2 Peripheral Signals
Device Overview
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More