Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320DM643 Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 17Page - Texas Instruments TMS320DM643 Datasheet HTML 18Page - Texas Instruments TMS320DM643 Datasheet HTML 19Page - Texas Instruments TMS320DM643 Datasheet HTML 20Page - Texas Instruments TMS320DM643 Datasheet HTML 21Page - Texas Instruments TMS320DM643 Datasheet HTML 22Page - Texas Instruments TMS320DM643 Datasheet HTML 23Page - Texas Instruments TMS320DM643 Datasheet HTML 24Page - Texas Instruments TMS320DM643 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 162 page
background image
www.ti.com
2.5.2
Signal Groups Description
TRST
GP0[7]/EXT_INT7(B)
IEEE Standard
1149.1
(JTAG)
Emulation
Reserved
Reset and
Interrupts
Control/Status
TDI
TDO
TMS
TCK
EMU0
EMU1
NMI
GP0[6]/EXT_INT6(B)
GP0[5]/EXT_INT5(B)
GP0[4]/EXT_INT4(B)
RESET
RSV22
RSV21
Clock/PLL
CLKIN
CLKMODE1
CLKMODE0
PLLV
EMU2
EMU3
EMU4
EMU5
GP0
General-Purpose Input/Output 0 (GP0) Port
GP0[7]/EXT_INT7(B)
GP0[6]/EXT_INT6(B)
GP0[5]/EXT_INT5(B)
GP0[4]/EXT_INT4(B)
GP0[3]
CLKOUT6/GP0[2](A)
CLKOUT4/GP0[1](A)
GP0[0]
CLKOUT6/GP0[2](A)
CLKOUT4/GP0[1](A)
EMU6
EMU7
EMU8
EMU9
EMU10
GP0[15]
GP0[14]
GP0[13]
GP0[12]
GP0[11]
GP0[10]
GP0[9]
VDAC/GP0[8]
RSV23
EMU11
Peripheral
Control/Status
TOUT0/MAC_EN
RSV01
RSV00
RSV02
A. These pins are muxed with the GP0 pins and by default these signals function as clocks (CLKOUT4 or CLKOUT6). To use these muxed
pins as GPIO signals, the appropriate GPIO register bits (GPxEN and GPxDIR) must be properly enabled and configured. For more
details, see the Device Configurations section of this data sheet.
B. These pins are GP0 pins that can also function as external interrupt sources (EXT_INT[7:4]). Default after reset is EXT_INTx or GPIO as
input-only.
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Figure 2-7. CPU and Peripheral Signals
Submit Documentation Feedback
Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More