Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE4963-2M Fiches technique(PDF) 68 Page - Infineon Technologies AG

No de pièce TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Fiches technique(HTML) 68 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 64Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 65Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 66Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 67Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 68Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 69Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 70Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 71Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 72Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
68
Radar sensors ICs
Giving technology the ability to “see”
Radar offers a host of advantages over passive infrared
(PIR) technology in motion detection applications. These
include greater accuracy and more precise measurement
of detected objects, paving the way for new capabilities
in speed detection and motion sensing. These advanced
capabilities enable all sorts of “things” such as robots, cars,
smart home devices and even lights to “see” their sur-
roundings and respond dynamically.
Market leader in radar chips, we offer a wide portfolio of
mmWave radar sensors as part of our XENSIV™ family. De-
signed to support different industrial, home and consumer
applications, this portfolio includes the smallest 24 GHz
MMIC in the market as well as the largest and most inte-
grated 24 GHz radar transceiver family currently available.
In addition, customers can rely on us for the full range of
automotive radar 24/77/79 GHz front-end MMICs (RASIC™)
supporting everything from safety-critical applications
such as automatic emergency braking to driver assistance
systems.
Radar sensors ICs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91